PART |
Description |
Maker |
AS7C33128PFD32_36B AS7C33128PFD36B-200TQIN AS7C331 |
Sync SRAM - 3.3V LM397 Single General Purpose Voltage Comparator; Package: SOT-23; No of Pins: 5; Qty per Container: 1000; Container: Reel 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 32 STANDARD SRAM, 4 ns, PQFP100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 36 STANDARD SRAM, 4 ns, PQFP100 128K X 36 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, TQFP-100 128K X 32 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, TQFP-100 128K X 32 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, LEAD FREE, TQFP-100 128K X 36 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, LEAD FREE, TQFP-100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 32 STANDARD SRAM, 3 ns, PQFP100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 32 STANDARD SRAM, 3.5 ns, PQFP100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 3.3 128K的X 32/36管道爆裂同步SRAM
|
Alliance Semiconductor Corp... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp. Integrated Silicon Solution, Inc.
|
WMS128K8V-17 WMS128K8V-35 WMS128K8V-20DRMA WMS128K |
128Kx8 3.3V Monolithic SRAM(128Kx8,3.3V,单片静态RAM(存取时7ns 128Kx8 3.3单片的SRAM28Kx83.3伏,单片静态随机存储器(存取时间为35ns)) 128K X 8 STANDARD SRAM, 20 ns, CDSO32 CERAMIC, SOJ-32 128K X 8 STANDARD SRAM, 15 ns, CDFP32 CERAMIC, DFP-32 128K X 8 STANDARD SRAM, 15 ns, CDSO32 CERAMIC, SOJ-32 128K X 8 STANDARD SRAM, 17 ns, CDIP32 SINGLE CAVITY, SIDE BRAZED, CERAMIC, DIP-32 128K X 8 STANDARD SRAM, 20 ns, CDFP32
|
White Electronic Designs Corporation White Electronic Designs, Corp.
|
CY62137CVSL-70BVI CY62137CV CY62137CV25 CY62137CV2 |
Very high speed: 55 ns and 70 ns (CY62137CV25 / CY62137CV30 / CY62137CV33) 2M (128K x 16) Static RAM 32-Bit Transparent D-Type Latch with 3-State Outputs 96-LFBGA -40 to 85 2M (128K x 16) Static RAM 128K X 16 STANDARD SRAM, 55 ns, PBGA48 2M (128K x 16) Static RAM 128K X 16 STANDARD SRAM, 70 ns, PBGA48
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
TIGA6S4000I-20 TIGA7S4000M-35 TIGA2S4000M-20 |
128K X 32 STANDARD SRAM, 20 ns, CQCC68 128K X 32 STANDARD SRAM, 35 ns, CQFP68 128K X 32 STANDARD SRAM, 20 ns, CDMA66
|
FORCE TECHNOLOGIES LTD
|
CXK5T81000ATM/AYM/AM-12LLX CXK5T81000ATM/AYM/AM-10 |
128K X 8 STANDARD SRAM, 120 ns, PDSO32 128K X 8 STANDARD SRAM, 100 ns, PDSO32 131072-word x 8-bit High Speed CMOS Static RAM
|
SONY
|
MSM8128G-85 MSM8128GLM-85 MSM8128GI-85 MSM8128WLI- |
128K X 8 STANDARD SRAM, 85 ns, CDFP32 DFP-32 128K X 8 STANDARD SRAM, 85 ns, CQCC32 LCC-32
|
Twilight Technology, Inc. Venkel, Ltd.
|
UPD441000LF1-BA1-B10X UPD441000LF1-BA1-C12X UPD441 |
128K X 8 STANDARD SRAM, 100 ns, PBGA36 128K X 8 STANDARD SRAM, 120 ns, PBGA36 128K X 8 STANDARD SRAM, 150 ns, PBGA36
|
|
CY62136VLL-70BAI CY62136VLL-70ZI CY62136VLL-55ZI C |
2M (128K x 16) Static RAM x16 SRAM 128K x 16 Static RAM 128K X 16 STANDARD SRAM, 70 ns, PDSO44 128K x 16 Static RAM 128K X 16 STANDARD SRAM, 70 ns, PBGA48
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
M68AW128ML55ND6F M68AW128ML70ZB6T M68AW128M M68AW1 |
128K X 16 STANDARD SRAM, 70 ns, PDSO44 2兆位28K的16.0V异步SRAM BACKSHELL 2 Mbit (128K x16) 3.0V Asynchronous SRAM
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
CXK5T81000ATN/AYN-10LLX CXK5T81000ATN/AYN-12LLX CX |
128K X 8 STANDARD SRAM, 120 ns, PDSO32 8 X 13.40 MM, PLASTIC, TSOP-32 128K X 8 STANDARD SRAM, 100 ns, PDSO32 8 X 13.40 MM, PLASTIC, TSOP-32 131072-word x 8-bit High Speed CMOS Static RAM
|
Electronic Theatre Controls, Inc. SONY
|
|